Part Number Hot Search : 
N54LS GBU13508 MMBD444 SM250 600ETTT 331M16 SC458 10600
Product Description
Full Text Search
 

To Download FLM7785-45F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FLM7785-45F
C-Band Internally Matched FET
FEATURES High Output Power: P1dB=46.5dBm(Typ.) High Gain: G1dB=7.0dB(Typ.) High PAE: add=32.5%(Typ.) Broad Band: 7.7~8.5GHz Impedance Matched Zin/Zout = 50 Hermetically Sealed Package DESCRIPTION The FLM7785-45F is a power GaAs FET that is internally matched for standard communication bands to provide optimum power and gain in a 50 system.
ABSOLUTE MAXIMUM RATINGS (Case Temperature Tc=25OC)
Item Drain-Source Voltage Gate-Source Voltage Total Power Dissipation Storage Temperature Channel Temperature Symbol VDS VGS PT Tstg Tch Rating 15 -5 115 -65 to +175 175 Unit V V W
O
C C
O
RECOMMENDED OPERATING COMDITION (Case Temperature Tc=25OC)
Item DC Input Voltage Forward Gate Current Reverse Gate Current Symbol VDS IGF IGR RG=10 RG=10 Condition Limit Unit V mA mA
10 52 -23.2
ELECTRICAL CHARACTERISTICS (Case Temperature Tc=25OC)
Item Drain Current Transconductance Pinch-off Voltage
Gate-Source Breakdown Voltage
Symbol IDSS gm Vp VGSO P1dB G1dB Idsr add G Rth Tch
Test Conditions VDS=5V, VGS=0V VDS=5V, IDS=8.0A VDS=5V, IDS=960mA IGS=-960uA VDS=10V f=7.7 - 8.5 GHz IDS(DC)=8.0A(typ.) Zs=ZL=50
Min. -0.5 -5.0 46.0 6.0 -
Limit Typ. 24 16 -1.5 46.5 7.0 11 32.5 1.1 -
Max. -3.0 13 1.6 1.3 100
Unit A S V V dBm dB A % dB
O
Output Power at 1dB G.C.P. Power Gain at 1dB G.C.P. Drain Current Power-added Efficiency Gain Flatness Thermal Resistance Channel Temperature Rise
Channel to Case 10V x Ids(DC) x Rth
C/W
O
C
CASE STYLE: IK ESD Class III 2000V~
G.C.P.:Gain Compression Point
Note : Based on EIAJ ED-4701 C-111A(C=100pF, R=1.5k) Edition 1.3 September 2004
1
FLM7785-45F
C-Band Internally Matched FET
Output Power & P.A.E vs. Input Power
140 Total Power Dissipation (W) 120
50 48
Output Power (dBm)
140 120 100
100 80 60 40 20 0 0 50 100 150 Case Temperature ( OC) 200
46 44 42 40 38 36 28 30 32 34 36 38 40 Input Power (dBm) 42
P.A.E Pout
80 60 40 20 0
IMD vs Output Power
Output Power vs. Frequency
48 46 44 42 40 38 36 7.5 7.7 7.9 8.1 8.3 8.5 8.7 Frequency (GHz)
Pin=30dBm
VDS=10V,IDS(DC)=8A
Pin=40dBm P1dB Pin=38dBm
Pin=34dBm
-20 -25 -30 -35 -40 -45 -50 -55 -60 -65 -70 -75 26 28
VDS=10V, IDS(DC)=8.0A f1=8.50GHz, f2=8.51GHz
Output Power (dBm)
IMD(dBc)
IM3
IM5
30 32 34 36 38 Output Power (dBm) S.C.L : Single Carrier Level
40
2
Power Added Efficiency (%)
Power Derating Curve
VDS=10V, IDS(DC)=8.0A, f=8.1GHz
FLM7785-45F
C-Band Internally Matched FET
S-PARAMETER
+50j +25j +100j +90
+10j
8 .1 G H z
8 .5 G H z
+250j
8 .5 G H z
0
8 .1 G H z
5 180 6 6
Scale for |S21| 2
8.5GHz 8.5GHz
7.7GHz
7.7GHz
0
8.1GHz
Scale for |S12|
-10j
7 .7 G H z
7 .7 G H z
-250j
25
8.1GHz
-25j
10
-100j
S 11 S 22
-50j
0.3 -90
S 12 S 21
VDS=10V, IDS(DC)=8.0A
Freq [GHz] 7.5 7.6 7.7 7.8 7.9 8.0 8.1 8.2 8.3 8.4 8.5 8.6 8.7 8.8 S11 MAG 0.59 0.54 0.49 0.44 0.36 0.31 0.26 0.21 0.19 0.18 0.17 0.16 0.15 0.12 ANG -92.42 -115.60 -132.70 -150.94 -175.21 166.47 145.07 122.80 104.80 87.15 66.26 47.84 30.74 8.33 MAG 2.42 2.50 2.53 2.55 2.58 2.59 2.57 2.56 2.55 2.55 2.54 2.55 2.55 2.53 S21 ANG 37.25 18.21 3.25 -12.24 -34.31 -51.85 -73.91 -99.42 -121.60 -143.52 -168.78 169.26 149.06 119.25 MAG 0.05 0.05 0.06 0.06 0.07 0.07 0.08 0.08 0.08 0.08 0.09 0.09 0.09 0.09 S12 ANG 87.74 55.84 31.40 6.43 -27.13 -52.27 -80.04 -110.35 -134.88 -159.01 171.71 145.16 121.06 88.15 MAG 0.55 0.50 0.47 0.44 0.42 0.42 0.41 0.41 0.41 0.40 0.39 0.38 0.36 0.32 S22 ANG -83.48 -102.39 -118.61 -136.88 -161.09 -178.81 161.62 143.05 129.89 118.61 106.72 96.08 87.58 77.86
3
FLM7785-45F
C-Band Internally Matched FET
Package Out Line Case Style : IK
PIN ASSIGMENT 1 : GATE 2 : SOURCE 3 : DRAIN 4 : SOURCE Unit : mm
4
FLM7785-45F
C-Band Internally Matched FET
For further information please contact :
CAUTION
Eudyna Devices USA Inc. 2355 Zanker Rd. San Jose, CA 95131-1138, U.S.A. TEL: (408) 232-9500 FAX: (408) 428-9111 www.us.eudyna.com Eudyna Devices Europe Ltd. Network House Norreys Drive Maidenhead, Berkshire SL6 4FJ United Kingdom TEL: +44 (0) 1628 504800 FAX: +44 (0) 1628 504888 Eudyna Devices Asia Pte. Ltd. Hong Kong Branch Rm.1101,Ocean Centre, 5 Canton Road Tsim Sha Tsui, Kowloon, Hong Kong TEL: +852-2377-0227 FAX: +852-2377-3921 Eudyna Devices Inc. 1000 Kamisukiahara, showa-cho Nakakomagun, Yamanashi 409-3883, Japan (Kokubo Industrial Park) TEL +81-55-275-4411 FAX +81-55-275-9461
Sales Division 1, Kanai-cho, Sakae-ku Yokohama,244-0845,Japan
Eudyna Devices Inc. products contain gallium arsenide (GaAs) which can be hazardous to the human body and the environment. For safety, observe the following procedures: Do not put these products into the mouth. Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical processing as these byproducts are dangerous to the human body if inhaled, ingested, or swallowed. Observe government laws and company regulations when discarding this product. This product must be discarded in accordance with methods specified by applicable hazardous waste procedures. Eudyna Devices Inc. reserves the right to change products and specifications without notice.The information does not convey any license under rights of Eudyna Devices Inc. or others.
(c) 2004 Eudyna Devices USA Inc. Printed in U.S.A.
TEL +81-45-853-8156 FAX +81-45-853-8170
5


▲Up To Search▲   

 
Price & Availability of FLM7785-45F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X